Part Number Hot Search : 
LM334 FGA30N60 4805S 1601A CS5160 HVD147 CDLL966B 14NM65N
Product Description
Full Text Search
 

To Download HM55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
Shielded Drum Compact Package Low Cost Inductors
* * * * Operating Temperature Range Ambient Temperature, Maximum Temperature Rise, Maximum Insulation System -40C to +155C 100C 50C Class F, 155C
Co
HS Rompliant
280 ,847, US 6
Specifications
100 kHz @ 0 Adc H 10%
0.40 0.40 0.43 0.95 1.38 0.79 0.28 0.50 1.40 3.00 5.60 1.0
Part Number
HM55-12R40LF HM55-14R40LF HM55-21R43LF HM55-21R95LF HM55-211R3LF HM55-22R79LF HM55-24R28LF HM55-26R50LF HM55-311R4LF HM55-313R0LF HM55-315R6LF HM55-321R0LF
Notes:
Inductance 100 kHz, 0.1 V @ Irated H Min. H Typ.
0.32 0.32 0.36 0.76 1.10 0.56 0.21 0.36 1.08 2.43 4.86 0.72 0.35 0.35 0.40 0.84 1.25 0.63 0.25 0.40 1.20 2.70 5.40 0.80
Irated (1) (Adc)
20 15 18 22.5 15 27 30 40 35 21 9 40
Isat (2) (Adc)
29 38 27 33 22 39 85 50 50 30 14 56
DCR (3) m 5%
1.00 1.75 0.77 1.28 2.26 1.20 0.72 0.90 0.98 2.60 7.30 1.25
Dim D. (mm 0.5)
8.76 8.40 4.10 6.90 6.60 12.5 12.7 12.7 6.60 9.45 7.11 15.24
Dim. E (mm 0.1)
1.30 1.00 1.30 1.30 1.05 1.45 1.30 1.50 1.65 1.30 0.91 1.50
Fig.
2 2 1 1 1 2 2 2 1 1 1 2
(1) Rate current, Irated, is the approximate DC current at which inductance will be decreased by 20% from its initial (zero DC) value or the current at which T = 50C, whichever is lower. (2) Isat is the saturation current at which inductance rolls off approximately 30% from its initial value. (3) DC resistance is measured at 25C.
Outline Dimensions (Inch/mm)
Figure 1 Figure 2 Case Size 12 14
BI XXRXXLF YYWW
Fig. 2 2 1 2 2 2 1 2
BI XXRXXLF YYWW
21 22 24 26 31 32
Refer to Note (B)
Notes: (A) Refer to Specifications table for `D' & `E' dimensions of each model. (B) For case size 12 & 14, only BI logo & datecode will be printed.
A .295 7.50 .295 7.50 .413 10.5 .413 10.5 .413 10.5 .413 10.5 .532 13.5 .532 13.5
B .295 7.50 .295 7.50 .433 11.0 .413 10.5 .413 10.5 .413 10.5 .543 13.8 .532 13.5
C .433 11.0 .295 7.50 .413 10.5 .413 10.5 .295 7.50 .355 9.00 .532 13.5 .492 12.5
Packaging
Standard: Vacuum Tray Case Size
12, 14, 21 22 24 26 31, 32
Capacity Per Tray (Units)
40 44 50 45 44
Capacity Per Carton (Units)
560 660 600 630 572
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
31
Electrical Characteristics @ 25C
(A) Case size 12, 14, 21, 22 & 24
32
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Electrical Characteristics @ 25C (Cont'd)
(B) Case size 26, 31 & 32
Ordering Information
Model Series Case Size: 12 = Figure 2 14 = Figure 2 21 = Figure 1 22 = Figure 2
HM55
21
1R3
LF
Lead-Free
24 = Figure 2 26 = Figure 2 31 = Figure 1 32 = Figure 2
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
33


▲Up To Search▲   

 
Price & Availability of HM55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X